Part Number Hot Search : 
192P561 LQ0B152 01502 SX048 CXP87460 TD62930 M6135N1 1N494
Product Description
Full Text Search
 

To Download 2N4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N4403 2N4403 pnp general purpose si-epitaxial planar transistors si-epitaxial planar-transistoren fr universellen einsatz pnp version 2006-10-17 dimensions - ma?e [mm] power dissipation verlustleistung 625 mw plastic case kunststoffgeh?use to-92 (10d3) weight approx. ? gewicht ca. 0.18 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings (t a = 25c) grenzwerte (t a = 25c) 2N4403 collector-emitter-volt. ? kollektor-emitter-spannung b open - v ceo 40 v collector-base-voltage ? kollektor-basis-spannung e open - v cbo 40 v emitter-base-voltage ? emitter-basis-spannung c open - v eb0 5 v power dissipation ? verlustleistung p tot 625 mw 1 ) collector current ? kollektorstrom (dc) - i c 600 ma junction temperature ? sperrschichttemperatur storage temperature ? lagerungstemperatur t j t s -55...+150c -55?+150c characteristics (t j = 25c) kennwerte (t j = 25c) min. typ. max. dc current gain ? kollektor-basis-stromverh?ltnis 2 ) - i c = 0.1 ma, - v ce = 1 v - i c = 1 ma, - v ce = 1 v - i c = 10 ma, - v ce = 1 v - i c = 150 ma, - v ce = 2 v - i c = 500 ma, - v ce = 2 v h fe h fe h fe h fe h fe 30 60 100 100 20 ? ? ? ? ? ? ? ? 300 ? h-parameters at/bei - v ce = 10 v, - i c = 1 ma, f = 1 khz small signal current gain ? kleinsignal-stromverst?rkung h fe 60 ? 500 input impedance ? eingangs-impedanz h ie 1.5 k ? ? 15 k ? output admittance ? ausgangs-leitwert h oe 1 s ? 30 s reverse voltage transfer ratio ? spannungsrckwirkung h re 0.1*10 -4 ? 8*10 -4 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 tested with pulses t p = 300 s, duty cycle 2% ? gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% ? diotec semiconductor ag http://www.diotec.com/ 1 16 18 9 2 x 2.54 c be
2N4403 characteristics (t j = 25c) kennwerte (t j = 25c) min. typ. max. collector-emitter saturation voltage ? kollektor-emitter-s?ttigungsspg. 2 ) - i c = 150 ma, - i b = 15 ma - i c = 500 ma, - i b = 50 ma - v cesat - v cesat ? ? ? ? 0.40 v 0.75 v base-emitter saturation voltage ? basis-emitter-s?ttigungsspannung 2 ) - i c = 150 ma, - i b = 15 ma - i c = 500 ma, - i b = 50 ma - v besat - v besat 0.75 v ? ? ? 0.95 v 1.3 v collector-emitter cutoff current ? kollektor-emitter-reststrom - v ce = 35 v, - v eb = 0,4 v - i cex ? ? 100 na emitter-base cutoff current ? emitter-basis-reststrom - v ce = 35 v, - v eb = 0,4 v - i ebv ? ?- 100 na gain-bandwidth product ? transitfrequenz - i c = 20 ma, - v ce = 10 v, f = 100 mhz f t 200 mhz ? ? collector-base capacitance ? kollektor-basis-kapazit?t - v cb = 5 v, i e = i e = 0, f = 1 mhz c cbo ? ? 8.5 pf emitter-base capacitance ? emitter-basis-kapazit?t - v eb = 0.5 v, i c = i c = 0, f = 1 mhz c ebo ? ? 30 pf switching times ? schaltzeiten (between 10% and 90% levels) delay time rise time storage time fall time - i con = 10 ma - i bon = 1 ma i boff = 1 ma t d ? ? 15 ns t r ? ? 20 ns t s ? ? 225 ns t f ? ? 30 ns thermal resistance junction to ambient air w?rmewiderstand sperrschicht ? umgebende luft r tha < 420 k/w 1 ) recommended complementary npn transistors empfohlene komplement?re npn-transistoren 2n4401 2 tested with pulses t p = 300 s, duty cycle 2% ? gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http://www.diotec.com/ ? diotec semiconductor ag


▲Up To Search▲   

 
Price & Availability of 2N4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X